Part Number Hot Search : 
BH7601FS DRS1212 1215S 37300 627ER 2SB15 00BGXC 3DD130
Product Description
Full Text Search
 

To Download C10-0046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a prismatic battery pack for a wide range of applications requesting low base currents combined with superimposed pulses. the ls 9 v version yields good voltage readings in a wide t range ( - 60c to + 8 5 c). benefits l high voltage, stable during most of the applications lifetime l wide operating temperature range l low self-discharge rate (less than 1 % per year of storage at + 20c) l easy integration into compact systems key features l pack assembled from three ? aa-sized (and ul-recognized) cells connected in series l component cells with stainless steel container and hermetic glass-to-metal sealing l plastic sleeve for battery housing l miniature snap-on terminals l non-flammable electrolyte l non-restricted for transport main applications l memory back-up l alarm and security devices l smoke detectors l alarm equipment l industrial electronics l medical equipment september 2011 pack construction primary lithium batteries ls 9 v primary lithium-thionyl chloride (li-socl 2 ) high energy density battery pack pack designation ls 9 v part number c10-0 046 electrical characteristics (typical values relative to cells stored for one year or less at + 30c max.) nominal capacity 1.2 ah (at 1 ma, + 20c, 6.0 v cut-off. the capacity restored by the battery pack (1.0 ma) varies according to current drain, temperature and cut-off) open circuit voltage (at + 20c) 11.0 v nominal voltage (at + 20c and 0.1 ma) 10.8 v pulse capability: typically up to 10 0 ma (0.1 second pulses, drained every 2 mn at + 20c from undischarged cells with 10 a base current, yield voltage readings above 3.0 v. the readings may vary according to the pulse characteristics, the temperature, and the cells previous history. fitting the cell with a capacitor may be recommended in severe conditions. consult sa f t) maximum recommended continuous current 35 ma (higher currents possible, consult sa f t) storage (recommended) + 30c (+ 86f ) max (for more severe conditions, consult sa f t) operating temperature range - 60c/+ 85c (operation above ambient t may lead to reduced capacity and (- 76f/+ 185f ) lower voltage readings at the beginning of pulses. consult sa f t) typical weight 29 g (1 oz) li metal content approx. 0.9 g 3 ls 14250 in series
doc. n o 3 1 080-2-0911 information in this document is subject to change without notice and becomes contractual only after written confirmation by saft. for more details on primary lithium technologies please refer to primary lithium batteries selector guide doc n o 31048-2. published by the communications department. photo credit: saft socit anonyme au capital de 31 944 000 rcs bobigny b 383 703 873 produced in the uk by arthur associates limited. 1 1 10 10 100 100 0.01 0.1 +70c +20c -4 0c 0.1 0.1 1 1 10 10 100 100 0.01 - 20c +70c - 40c +20c 11.5 11.0 10.5 10.0 9.5 9.0 8.5 8.0 7.5 7.0 6.5 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.1 1 10 100 1000 10000 12.0 11.5 11.0 10.5 10.0 9.5 9.0 8.5 8.0 7.5 7.0 6.5 6.0 400 ohms/8.5 ma 56 ohms/54 ma 3 kohms/1.2 ma 7.5 kohms/0.5 ma 1 1 10 10 100 100 0.01 0.1 +70c +20c -4 0c 0.1 0.1 1 1 10 10 100 100 0.01 - 20c +70c - 40c +20c 11.5 11.0 10.5 10.0 9.5 9.0 8.5 8.0 7.5 7.0 6.5 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.1 1 10 100 1000 10000 12.0 11.5 11.0 10.5 10.0 9.5 9.0 8.5 8.0 7.5 7.0 6.5 6.0 400 ohms/8.5 ma 56 ohms/54 ma 3 kohms/1.2 ma 7.5 kohms/0.5 ma ls 9 v battery pack time (hours) current (ma) storage l the storage area should be clean, cool (preferably not exceeding + 30 c), dry and ventilated. warning l fire, explosion and burn hazard. l do not recharge, short circuit, crush, disassemble, heat above 100 c (212 f), incinerate, or expose contents to water. l do not solder directly to the battery pack. saft specialty battery group 12, rue sadi carnot 93170 bagnolet - france tel.: +33 (0)1 49 93 19 18 fax : +33 (0)1 49 93 19 69 www.saftbatteries.com 47.5 max 49.5 max 17 max 27.5 max 12.7 0.1 dimensions in mm. typical discharge profiles at + 20c voltage plateau versus current and temperature (at mi d-discharge) battery pack voltage (v) battery pack voltage (v) 1 1 10 10 100 100 0.01 0.1 +70c +20c -4 0c 0.1 0.1 1 1 10 10 100 100 0.01 - 20c +70c - 40c +20c 11.5 11.0 10.5 10.0 9.5 9.0 8.5 8.0 7.5 7.0 6.5 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.1 1 10 100 1000 10000 12.0 11.5 11.0 10.5 10.0 9.5 9.0 8.5 8.0 7.5 7.0 6.5 6.0 400 ohms/8.5 ma 56 ohms/54 ma 3 kohms/1.2 ma 7.5 kohms/0.5 ma current (ma) restored capacity versus current and temperature (6.0 v cut-off) capacity (ah)


▲Up To Search▲   

 
Price & Availability of C10-0046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X